Part Number Hot Search : 
AQV214 SC2932 1N5253B MAX16 ISP1520 TFS150G3 VF168 TFS150G3
Product Description
Full Text Search
 

To Download PL20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PL
PLS
SINGLE-PHASE FULL WAVE BRIDGE
1.0 AMPERES FOR P.C. BOARD AND SURFACE MOUNTING
PL SERIES Dual DIP Package
PRV/Leg Type No. Type No. 50V PL05 PL05S 200V PL20 PL20S 400V PL40 PL40S
PLS SERIES Surface Mount Type
600V PL60 PL60S 800V PL80 PL80S
ELECTRICAL CHARACTERISTICS PER LEG (at T =25 C Unless Otherwise Specified) A
Max.Forward Voltage Drop, VF =1.2 V @ IF = Max. DC Reverse Current @ PRV and 25 C, IR Max. Peak Surge Current,I FSM(8.3ms) Ambient Operating Temperature Range, TA Storage Temperature Range, TSTG
o
1.0 5.0 50 -55 to +150 -55 to +150
Amp
A
Amp
o
C C
o
EDI reserves the right to change these specifications at any time without notice.
PL
CURRENT DERATING
PLS
1.0 IF(AV). AVERAGE FORWARD CURRENT (AMP)
.8
.6
.4
.2
0
0
25
50
75
100
O
125
150
TA = AMBIENT TEMPERATURE ( C) For Capacitive Load Derate Current by 20%
CASE STYLE PL
.015 .008
CASE STYLE PLS
.045 Typ. .205 .195 .010
_
.260 .240
+
.320 .280 .330 .300 .255 .240
.140Min.
PL SERIES EDI
_
+
.440 Max .310 .290
.390 .370
.160 .140
.217Min. .130 .120 .210 .190 ALL DIMENSIONS IN INCHES .365 .355
.060 .040
.015 .008 .091 .071
.010
ELECTRONIC DEVICES, INC. DESIGNERS AND MANUFACTURERS OF SOLID STATE DEVICES SINCE 1951.
21 GRAY OAKS AVENUE * YONKERS. NEW YORK 10710 914-965-4400 * FAX 914-965-5531 * 1-800-678-0828
Ee-mail:sales@edidiodes.com* Wwebsite: http://www.edidiodes.com


▲Up To Search▲   

 
Price & Availability of PL20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X